Part Number Hot Search : 
AMS2908 75M50 7C516 TIP120G TIP120G A12181 KT961 MAX5097
Product Description
Full Text Search
 

To Download PSU40B-1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 pole ac inlet iec320-c8 class power (without earth pin) full output 3~48v safety approval protections: short circuit / overload / over voltage / over temp. fully enclosed plastic case fix switching frequency and regulation topology: top switch circuit led indicator for power on approvals: ul / cul / tuv / cb / ce 2 years warranty specification p40b-0p2j p 0b-1p2j 4 p 0b-1-1p2j 4 p 0b-2p2j 4 p 0b-3p2j 4 p 0b-4p2j 4 p 0b-5p2j 4 p 0b-6p2j 4 p 0b-8p2j 4 order no. safety model no. dc voltage note.2 rated current current range rated power ripple & noise (max.) note.3 output setup, rise, hold up time voltage range frequency range efficiency (typ.) ac current input environment inrush current (max.) leakage current (max.) safety standards safety & emc (note. 7) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection 3.3v 5v 7.5v 9v 12v 15v 18v 24v 48v psu 0b-0 4 psu 0b-1 4 psu 0b-1-1 4 psu 0b-2 4 psu 0b-3 4 psu 0b-4 4 psu 0b-5 4 psu 0b-6 4 psu 0b-8 4 4.54a 5a 4a 3.88a 3.33a 2.66a 2.22a 1.66a 0.83a 0 ~ 4.54a 0 ~ 5a 0 ~ 4a 0 ~3.88a 0 ~ 3.33a 0 ~ 2.66a 0 ~ 2.22a 0 ~ 1.66a 0 ~ 0.83a 15w 25w 30w 35w 40w 40w 40w 40w 40w 50mvp-p 50mvp-p 80mvp-p 80mvp-p 80mvp-p 100mvp-p 100mvp-p 150mvp-p 150mvp-p voltage tolerance note.4 line regulation note.5 load regulation note.6 10% 6.0% 5.0% 5.0% 4.0% 3.0% 3.0% 3.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 8.0% 5.0% 5.0% 4.0% 3.0% 2.0% 2.0% 2.0% 1.0% voltage adj. range fixed output by internal vr 3 ~ 5v 5 ~ 6v 6 ~ 8v 8 ~ 11v 11 ~ 13v 13 ~ 16v 16 ~ 21v 21 ~ 27v 33 ~ 48v 200ms, 50ms, 16ms at full load 90 ~ 264vac 135 ~ 370vdc 47 ~ 63hz 65% 70% 72% 74% 75% 78% 78% 80% 82% 1a / 100vac 60a / 230vac 0.25ma / 240vac ul1950, csa22.2, en60950-1 approved 500khrs min. mil-hdbk-217f (25 ) 0 ~ +40 (refer to output load derating curve) 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / ( 0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 108*67*36mm (l*w*h) 0.3kg; 54pcs / 20kg / carton 1.all parameters are specified at 230vac input, rated load, 25 70% rh ambi ent. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerence: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 0% to 100% rated load. 7.the power supply is considered a component which will be installed into a f inal equipment. the final equipment must be re-confirmed that it still me ets emc directives. file name:p40b-spec 208-05-08 connector plug cable standard type ther type available by customer requested p2j: 2.1 * 5.5 * 11mm, center positive for stock; o standard type see page2 ther type available by customer requested ; o features : 15~40w ac-dc single output desktop p 4 0 b s e r i e s overload over voltage 150 ~ 450% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed 110 ~ 140% rated output voltage protection type : shut down o/p voltage, re-power on to recover ic1tj135 over temperature protection type : shut down o/p voltage, recovers automatically after t emperature goes down compliance to en55022(cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,11, env50204, l criteria a ight industry level, harmonic current ems immunity emi conduction & radiation withstand voltage isolation resistance i/p-o/p:3kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh tuv rheinland product safety geprufresicherheit
mechanical specification file name:p40b-spec 2008-05-08 unit:mm 36 67 plug assignment 69.9 42 rubber footx4 name plate 45 67 18 33.5 r1 3 36 power led 106 switching adaptor 108 id 2.1 x od 5.5 11 standard plug: p2j (option) p/n center output + p2j ta ( ) load (%) 0 10 20 30 100 40 60 static characteristics input voltage load (%) 0 50 60 70 60 100 260 80 90 100 80 derating curve 15~40w ac-dc single output desktop p 4 0 b s e r i e s 16awg spt-1 1230 +100/-0 for 3.3v, 5v 16awg spt-1 1830 +100/-0 for 7.5v 18awg spt-1 1830 +100/-0 for others


▲Up To Search▲   

 
Price & Availability of PSU40B-1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X